Part Number Hot Search : 
00500 DCU605 DSPIC30F 3232E 5U183 R2000 24C04 1N1187R
Product Description
Full Text Search
 

To Download 5302DG-T92-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 5302d npn silicon transistor www.unisonic.com.tw 1 of 3 copyright ? 2012 unisonic technologies co., ltd qw-r213-018.e high voltage npn transistor with diode ? description the utc 5302d are series of npn silicon planar transistor with diode and its suited to be used in power amplifier applications. ? features * internal free-wheeling diode * makes efficient anti-saturation operation * low variable storage-time spread * low base drive * very suitable for half bridge light ballast application ? symbol ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 5302dl-t60-k 5302dg-t60-k to-126 b c e bulk 5302dl-t92-b 5302dg-t92-b to-92 e c b tape box 5302dl-t92-k 5302dg-t92-k to-92 e c b bulk 5302dl-t92-r 5302DG-T92-R to-92 e c b tape reel 5302dl-tm3-t 5302dg-tm3-t to-251 b c e tube 5302dl-tn3-r 5302dg-tn3-r to-252 b c e tape reel 5302dl-tn3-t 5302dg-tn3-t to-252 b c e tube (1) b: tape box, k: bulk , t: tube, r: tape reel (2) t60: to-126, t92: to-92, tm3: to-251, tn3: to-252 (3) g: halogen free, l: lead free 5302dl-t60-t (1)packing type (2)package type (3)lead free
5302d npn silicon transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r213-018. e ? absolute maximum rating (t a =25 , unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo 800 v collector-emitter voltage v ceo 400 v emitter-base voltage v ebo 10 v collector current i c 2 a collector peak current (t p < 5ms) i cm 4 a base current i b 1 a base peak current (t p < 5ms) i bm 2 a power dissipation (t c 25 ) to-126 p d 12.5 w to-92 1.6 to-251/ to-252 25 junction temperature t j +150 storage temperature t stg -65 ~ +150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol ratings unit junction to ambient to-126 ja 122 /w to-92 160 to-251/ to-252 100 junction to case to-126 jc 10 /w to-92 80 to-251/ to-252 5 ? electrical characteristics (t a = 25 , unless otherwise specified) parameter symbol test conditions min typ max unit off characteristics collector-emitter breakdown voltage bv ceo i c =10ma, i e =0 (note) 400 v collector-base breakdown voltage bv cbo i c =1ma, i b =0 800 v emitter-base breakdown voltage bv ebo i e =1ma, i c =0 10 v collector cutoff current i cbo v cb =800v, i e =0 1 a emitter cutoff current i ebo v eb =9v, i c =0 1 a on characteristics dc current gain h fe1 v ce =5v, i c =10ma 10 h fe2 v ce =5v, i c =400ma 10 40 h fe3 v ce =5v, i c =1a 5 collector-emitter satu ration voltage v ce ( sat1 ) i c =0.5a, i b =0.1a (note) 0.5 v v ce ( sat2 ) i c =1a, i b =0.25a (note) 1.1 1.5 base-emitter satu ration voltage v be ( sat1 ) i c =0.5a, i b =0.1a (note) 1.1 v v be ( sat2 ) i c =1a, i b =0.25a (note) 1.2 switching characteristics turn on time t on v cc =250v, i c =1a, i b1 =i b2 =0.2a, t p =25us duty cycle<1% 0.15 0.3 s fall time t f 0.2 0.4 s storage time t stg 0.5 0.9 s diode forward voltage drop v f i c =1a 1.4 v fall time t f i c =1a 800 s note : pulsed duration = 300 s, duty cycle 2 %
5302d npn silicon transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r213-018. e ? typical characteristics 0 0 collector current vs. bv ceo collector current , i c (ma) collector-emitter brea kdown voltage ,bv ceo (v) 6 12 500 100 200 300 400 2 4 8 10 14 0 0 collector current vs. bv cbo collector current , i c (a) collector-base breakdown voltage ,bv cbo (v) 600 1200 200 400 600 800 1000 200 400 800 1000 1400 600 0 0 emitter current vs. bv ebo emitter current , i e (a) emitter-base breakdown voltage ,bv ebo (v) 60 120 2 20 46 810 12 14 16 18 20 40 80 100 140 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 5302DG-T92-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X